Part Number Hot Search : 
74CBT BR258W HBC1855A 93C46 DC256 AN7906T 00ZPZ KMM53
Product Description
Full Text Search
 

To Download ELC-645-29-50 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LED - Chip
Preliminary Radiation Red Type Point Source 10.04.2007 Technology AlInGaP/GaAs
ELC-645-29-50
rev. 03/07 Electrodes N (cathode) up
typ. dimensions (m)
O 150
typ. thickness
360 - 10
+ 20
R 30
170 (20) m cathode gold alloy, 1.5 m anode gold alloy, 0.5 m
PS-03
310
245 450
+ 20 -10
180
Maximum Ratings
Tamb = 25C, unless otherwise specified Test Parameter conditions Forward current (DC)
180
Optical and Electrical Characteristics
Tamb = 25C, unless otherwise specified Test Parameter conditions Forward voltage Reverse voltage Radiant power* Luminous intensity* Peak wavelength Spectral bandwidth at 50% Switching time IF = 5 mA IR = 10 A IF = 5 mA IF = 5 mA IF = 5 mA IF = 5 mA IF = 5 mA Symbol VF VR e IV p 0.5 tr , t f 4 100 5 200 7 645 26 40/30 Min Typ 1.85 Max 2.4 Unit V V W mcd nm nm ns
*Measured on bare chip on TO-18 header with EPIGAP equipment
R 5 15
Symbol IF
Min
Typ
Max 35
Unit mA
Labeling
Type ELC-645-29-50 Lot N IV(typ) [mcd] VF(typ) [V] Quantity
Packing: Chips on adhesive film with wire-bond side on top
EPIGAP Optoelektronik GmbH, D-12555 Berlin, Kopenicker Str.325 b, Haus 201 Tel.: +49-30-6576 2543, Fax : +49-30-6576 2545
1 of 1


▲Up To Search▲   

 
Price & Availability of ELC-645-29-50

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X